|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TVU0.5A NPN SILICON RF POWER TRANSISTOR DESCRIPTION: The ASI TVU0.5A is Designed for Television Band IV & V Applications up to 860 MHz. PACKAGE STYLE .205 4L STUD D FEATURES: * Common Emitter * PG = 9.5 dB at 0.5 W/860 MHz * OmnigoldTM Metalization System H A C B G F E MAXIMUM RATINGS #8-32UNC IC VCBO VCEO VEBO PDISS TJ TSTG JC 2.0 A 45 V 25 V 3.5 V 31.8 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 33 C/W DIM A B C D E F G H I J .161 / 4.100 .098 / 2.500 .200 / 5.100 .004 / 0.100 .425 / 10.800 .200 / 5.100 M INIM UM inches / m m J M AX IM UM inches / m m .976 / 24.800 .976 / 24.800 .028 / 0.700 .138 / 3.500 1.000 / 25.4000 1.000 / 25.4000 .031 / 0.800 .196 / 5.000 .110 / 2.800 .208 / 5.300 .006 / 0.150 .465 / 11.800 2.05 / 5.200 ORDER CODE: ASI10641 CHARACTERISTICS SYMBOL BVCBO BVCEO BVEBO ICBO hFE PG IMD1 IC = 20 mA TC = 25 C NONETEST CONDITIONS IC = 1.0 mA IE = 0.25 mA VCB = 28 V VCE = 5.0 V VCE = 20 V POUT = 0.5 W IC = 100 mA IC = 150 mA f = 860 MHz MINIMUM TYPICAL MAXIMUM 45 24 3.5 0.45 15 9.5 -58 120 UNITS V V V mA --dB dBc A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. B 1/1 |
Price & Availability of TVU05A |